PART |
Description |
Maker |
AMR13C |
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
SunLED Corporation
|
AMR13C-A |
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
SunLED Corporation
|
AUR13A |
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
SunLED Corporation
|
PSA05-12EWA |
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
MSA5460C MSA5480C MSA5360C MSA5960C MSA5980C MSA51 |
0.5 INCH (12.7MM) 16 SEGMENT, SINGLE DIGIT ALPHA - NUMERIC STICK DISPLAY 0.5 INCH (12.7MM) 16 SEGMENT SINGLE DIGIT ALPHA - NUMERIC STICK DISPLAY
|
FAIRCHILD[Fairchild Semiconductor]
|
HDSP-5523-GG000 HDSP-5523-GH000 HDSP-K121-DE000 HD |
HDSP-5523-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5523-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K121-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5601-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5703-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5607-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5508-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K123-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5623-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5721-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5603-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5701-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5621-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H153-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H151-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
PE7023-30 |
30 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
598-9920-307F 598-8920-307F 598-8610-307F 598-8940 |
Micro LED SMD LED (3.2mm X 2.7mm X 0.7mm) Tri-Color
|
http:// Dialight Corporation
|
EX2024NL |
MDL,SIN,10D,1:2.5,SM,TU
|
Pulse A Technitrol Comp...
|
H6062NL |
MDL,SIN,1GP,1:1,SM,TU
|
Pulse A Technitrol Comp...
|